| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTFA091201GL
|
288Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 02, 2008-08-27 |
|
PTFA091201E
|
272Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19 |
|
PTFA092201E
|
379Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20 |
|
PTFA091201GL
|
391Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31 |
|
PTFA091203EL
|
620Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 05, 2010-11-12 |
|
PTFA091503EL
|
627Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11 |
|
PTFA092213EL
|
671Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920-960 MHz
Rev. 04, 2010-11-04 |
|
PTFB090901EA
|
226Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 . 960 MHz
Rev. 04, 2012-02-23 |
|
PTFA091503EL
|
766Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16 |
 Cree, Inc |
PTFB090901EA
|
710Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 90 W, 28 V, 920 ??960 MHz
|