Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTE2047W_UB Datasheet (PDF) - Marktech Corporate

Part # MTE2047W_UB
Description  Peak Sensitivity Wavelength: 468nm
File Size   630.92 Kbytes
Html View  1   2   3   4 
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE2047W_UB Datasheet (PDF) - Marktech Corporate



Similar Part No. - MTE2047W_UB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE2047M3A-UB MARKTECH-MTE2047M3A-UB Datasheet
645Kb / 4P
Peak Emission Wavelength: 468nm
MTE2047M3A_UB MARKTECH-MTE2047M3A_UB Datasheet
645Kb / 4P
Peak Emission Wavelength: 468nm
MTE2047N-UB MARKTECH-MTE2047N-UB Datasheet
744Kb / 4P
Peak Emission Wavelength: 468nm
MTE2047N_UB MARKTECH-MTE2047N_UB Datasheet
744Kb / 4P
Peak Emission Wavelength: 468nm
More results


Similar Description - MTE2047W_UB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3010PM MARKTECH-MTD3010PM_11 Datasheet
589Kb / 3P
Peak Sensitivity Wavelength: 900nm
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
Peak Sensitivity Wavelength: 850nm
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE2047M3A_UB MARKTECH-MTE2047M3A_UB Datasheet
645Kb / 4P
Peak Emission Wavelength: 468nm
MTE2047N_UB MARKTECH-MTE2047N_UB Datasheet
744Kb / 4P
Peak Emission Wavelength: 468nm
MTE5057W_UYG MARKTECH-MTE5057W_UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
MTRS4720D MARKTECH-MTRS4720D Datasheet
572Kb / 3P
Peak Emission Wavelength: 468nm
MTD8000N4-T MARKTECH-MTD8000N4-T Datasheet
736Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600T4-T MARKTECH-MTD8600T4-T Datasheet
784Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com