Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-ST230SPBF Datasheet (PDF) - Vishay Siliconix

Part # VS-ST230SPBF
Description  Phase Control Thyristors (Stud Version), 230 A
File Size   187.75 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST230SPBF Datasheet (PDF) - Vishay Siliconix



Similar Part No. - VS-ST230SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST230SPBF VISHAY-VS-ST230SPBF Datasheet
199Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
27-Sep-17
VS-ST230SPBF VISHAY-VS-ST230SPBF Datasheet
208Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
Revision: 09-Jan-2025
VS-ST230SPBF VISHAY-VS-ST230SPBF_15 Datasheet
212Kb / 9P
Phase Control Thyristors
11-Mar-14
VS-ST230SPBF VISHAY-VS-ST230SPBF_V01 Datasheet
199Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
27-Sep-17
VS-ST230SPBF VISHAY-VS-ST230SPBF_V02 Datasheet
208Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
Revision: 09-Jan-2025
More results


Similar Description - VS-ST230SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
VS-ST230SVPBF VISHAY-VS-ST230SVPBF Datasheet
203Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
28-Sep-17
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
26-Sep-17
VS-ST230SVPBF VISHAY-VS-ST230SVPBF_V01 Datasheet
197Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
23-Apr-2020
VS-ST230SPBF VISHAY-VS-ST230SPBF_V01 Datasheet
199Kb / 8P
Phase Control Thyristors (Stud Version), 230 A
27-Sep-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com