Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1 Datasheet (PDF) - EUROQUARTZ limited

Part # UM1
Description  Frequency range 1.0MHz to 200MHz
File Size   150.82 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

UM1 Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - UM1

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
UM1 AURIS-UM1 Datasheet
80Kb / 1P
Quartz THT
logo
Golledge Electronics Lt...
UM1 GOLLEDGE-UM1 Datasheet
60Kb / 1P
Miniature Crystals
logo
Vanlong Technology Co.,...
UM1 VANLONG-UM1 Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
logo
PETERMANN-TECHNIK
UM1 PETERMANN-UM1 Datasheet
141Kb / 2P
HIGH RELIABILITY FOR LOW COST TIGTH TEMPERATURE STABILITY POSSIBLE
logo
Vanlong Technology Co.,...
UM1 VANLONG-UM1 Datasheet
40Kb / 1P
Miniature Recictance Weld Crystal
More results


Similar Description - UM1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5CVF857 ALSC-ASM5CVF857 Datasheet
225Kb / 15P
2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
logo
EUROQUARTZ limited
UM-1 EUROQUARTZ-UM-1 Datasheet
85Kb / 1P
Frequency range 1.0MHz to 200MHz High-precision crystal ideal for telecoms applications
logo
Integrated Circuit Syst...
9DBV0531 ICST-9DBV0531 Datasheet
151Kb / 16P
1MHz to 200MHz operating frequency
REVISION C 08/28/14
9DMV0141 ICST-9DMV0141 Datasheet
182Kb / 10P
1MHz to 200MHz operating frequency
REVISION B 01/26/15
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
FREQUENCY RANGE TO 3GHz
logo
IQD Frequency Products ...
IQXO-100 IQD-IQXO-100 Datasheet
295Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-110 IQD-IQXO-110 Datasheet
288Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-190 IQD-IQXO-190 Datasheet
128Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-57 IQD-IQXO-57 Datasheet
290Kb / 2P
Frequency 1.0MHz to 79.0MHz
IQXO-56 IQD-IQXO-56 Datasheet
400Kb / 2P
Frequency 1.0MHz to 79.0MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com