| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP1597A
|
350Kb / 13P |
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0 |
|
NCP1597B
|
168Kb / 9P |
1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0 |
|
NCP1599
|
183Kb / 10P |
1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0 |
|
NCP1593
|
377Kb / 13P |
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2 |
|
NCP1595
|
348Kb / 13P |
1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9 |
|
NCP1593A
|
377Kb / 13P |
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2 |
|
NCP1599MNTWG
|
370Kb / 15P |
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0 |
|
NCP1597B
|
349Kb / 13P |
1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2 |
|
FAN53713
|
437Kb / 12P |
1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0 |
|
FAN53763
|
288Kb / 12P |
1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1 |