| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
IRF614
|
45Kb / 7P |
2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
January 1998 |
 ON Semiconductor |
NDF02N60Z
|
168Kb / 10P |
N-Channel Power MOSFET 600 V, 4.0
April, 2010 ??Rev. 2 |
|
NDF03N60Z
|
167Kb / 10P |
N-Channel Power MOSFET 600 V, 3.3
April, 2010 ??Rev. 3 |
|
NDF08N60Z
|
118Kb / 6P |
N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0 |
|
NDD01N60
|
136Kb / 8P |
N-Channel Power MOSFET 600 V, 8.5 ohm
January, 2013 ??Rev. 2 |
|
NDF10N60ZH
|
119Kb / 8P |
N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10 |
|
NDD01N60-1G
|
136Kb / 8P |
N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2 |
|
NDF06N60ZH
|
116Kb / 8P |
N-Channel Power MOSFET 600 V, 1.2
February, 2013 ??Rev. 6 |
|
NDF02N60ZH
|
146Kb / 10P |
N-Channel Power MOSFET 600 V, 4.8
July, 2013 ??Rev. 7 |
|
NDF03N60ZH
|
137Kb / 10P |
N-Channel Power MOSFET 600 V, 3.6
July, 2013 ??Rev. 7 |