Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPA2738GR Datasheet (PDF) - Renesas Technology Corp

Part # UPA2738GR
Description  P-channel MOSFET ??0 V, ??0 A, 15 m
File Size   199.53 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2738GR Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPA2738GR

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UPA2738GR-E1-AT VBSEMI-UPA2738GR-E1-AT Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA2738GR-E1-AX RENESAS-UPA2738GR-E1-AX Datasheet
330Kb / 7P
P-channel MOSFET
UPA2738GR-E2-AX RENESAS-UPA2738GR-E2-AX Datasheet
330Kb / 7P
P-channel MOSFET
UPA2738GR RENESAS-UPA2738GR_16 Datasheet
330Kb / 7P
P-channel MOSFET
More results


Similar Description - UPA2738GR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
logo
Renesas Technology Corp
UPA2812T1L RENESAS-UPA2812T1L Datasheet
173Kb / 7P
P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓
UPA2813T1L RENESAS-UPA2813T1L Datasheet
192Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 6.2 m廓
UPA2814T1S RENESAS-UPA2814T1S Datasheet
167Kb / 7P
P-channel MOSFET ??0 V, ??4 A, 7.8 m廓
UPA2816T1S RENESAS-UPA2816T1S Datasheet
148Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 15.5 m廓
logo
ON Semiconductor
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
logo
Texas Instruments
CSD25484F4 TI-CSD25484F4_15 Datasheet
1Mb / 15P
CSD25484F4 ??0 V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com