Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXUV20HS1 Datasheet (PDF) - OptoDiode Corp

Part # SXUV20HS1
Description  PHOTODIODE 05 mm
File Size   181.35 Kbytes
Html View  1   2 
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

SXUV20HS1 Datasheet (PDF) - OptoDiode Corp



Similar Part No. - SXUV20HS1

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1 Datasheet
279Kb / 2P
Photodiode 過5 mm
SXUV20HS1 OPTODIODE-SXUV20HS1_18 Datasheet
279Kb / 2P
Photodiode 過5 mm
More results


Similar Description - SXUV20HS1

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
UVG100 OPTODIODE-UVG100 Datasheet
283Kb / 2P
PHOTODIODE 100 mm
UVG20C OPTODIODE-UVG20C Datasheet
245Kb / 2P
PHOTODIODE 20 mm
SXUVPS4C OPTODIODE-SXUVPS4C Datasheet
205Kb / 2P
QUADRANT PHOTODIODE 5 mm
SXUV300C OPTODIODE-SXUV300C Datasheet
247Kb / 2P
PHOTODIODE 331 mm
SXUV100 OPTODIODE-SXUV100 Datasheet
240Kb / 2P
PHOTODIODE 100 mm
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
PHOTODIODE 2.5 mm
ODD-AXU-168 OPTODIODE-ODD-AXU-168 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
ODD-SXU-004 OPTODIODE-ODD-SXU-004 Datasheet
254Kb / 2P
PHOTODIODE 횠5 mm
AXUV20HS1 OPTODIODE-AXUV20HS1_18 Datasheet
462Kb / 3P
Photodiode 過5 mm
AXUVHS11 OPTODIODE-AXUVHS11_15 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com