Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2-16UN-2B Datasheet (PDF) - ITT Industries

Part # 2-16UN-2B
Description  ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
File Size   4441.0 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2-16UN-2B Datasheet (PDF) - ITT Industries



Similar Part No. - 2-16UN-2B

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
2-16 JST-2-16 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
logo
Datatronic Distribution...
2-16-6D DATATRONICS-2-16-6D Datasheet
360Kb / 2P
Wideband RF Transformers
logo
Bourns Electronic Solut...
2-16-6D_ BOURNS-2-16-6D_ Datasheet
352Kb / 3P
Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
2-16-6J DATATRONICS-2-16-6J Datasheet
360Kb / 2P
Wideband RF Transformers
logo
Bourns Electronic Solut...
2-16-6J_ BOURNS-2-16-6J_ Datasheet
352Kb / 3P
Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
More results


Similar Description - 2-16UN-2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPXAMA-26-33S ETC2-DPXAMA-26-33S Datasheet
2Mb / 120P
ITT Electronic Components is a division of the multinational ITT Corporation a $7.5billion dollar global enterprise.
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
KPT02E22-36PW ITT-KPT02E22-36PW Datasheet
326Kb / 31P
The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com