Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F1778410K2FCB0 Datasheet (PDF) - Vishay Siliconix

Part # F1778410K2FCB0
Description  Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
File Size   165.13 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1778410K2FCB0 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - F1778410K2FCB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778422M2FCB0 VISHAY-F1778422M2FCB0 Datasheet
165Kb / 13P
Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
17-Jan-17
F1778447M3ICT0 VISHAY-F1778447M3ICT0 Datasheet
79Kb / 3P
AC-Capacitors, Suppression Capacitors
17-Sep-02
More results


Similar Description - F1778410K2FCB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
Interference Suppression Film Capacitors MKP Radial Potted Type
21-Nov-05
logo
RFE international
MPX474K275VAC225B200S RFE-MPX474K275VAC225B200S Datasheet
95Kb / 1P
AC ACROSS-THE-LINE FILM CAPACITORS MPX Series: Interference Suppressor X2
logo
Vishay Siliconix
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
Interference Suppression Film Capacitors MKP Radial Potted Type
06-Aug-12
BFC233860332 VISHAY-BFC233860332 Datasheet
159Kb / 15P
Interference Suppression Film Capacitor - Class Y2 Radial MKP 300 VAC - Line to Ground Application
10-Dec-13
F17723102030 VISHAY-F17723102030 Datasheet
136Kb / 12P
Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
15-Apr-14
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
Interference Suppression Film Capacitors MKP Radial Potted Type
13-May-13
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
THB Grade IIIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
11-Oct-2019
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
14-Aug-2019
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
Interference Suppression Film Capacitor - Class X2 Axial MKT 253 VAC - Continuous Across the Line
27-Jan-2021
logo
RFE international
MKP RFE-MKP Datasheet
752Kb / 2P
AC "ACROSS-THE LINE" FILM CAPACITORS MKP: X-2 Class, Standard Size
2015.03.09
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com