Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0246BA02631S Datasheet (PDF) - API Technologies Corp

Part # SF0246BA02631S
Description  246 MHz SAW Filter 200 KHz Bandwidth
File Size   110.07 Kbytes
Html View  1   2   3 
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0246BA02631S Datasheet (PDF) - API Technologies Corp



Similar Part No. - SF0246BA02631S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0240BA01987S ICST-SF0240BA01987S Datasheet
180Kb / 2P
240 MHz Filter 14 MHz Bandwidth
Rev 1.4
logo
API Technologies Corp
SF0240BA01987S APITECH-SF0240BA01987S Datasheet
139Kb / 3P
240 MHz SAW Filter 14 MHz Bandwidth
SF0240BA03142S APITECH-SF0240BA03142S Datasheet
158Kb / 3P
240 MHz SAW Filter 1.55 MHz Bandwidth
SF0240BA03143S APITECH-SF0240BA03143S Datasheet
158Kb / 3P
240 MHz SAW Filter 4.8 MHz Bandwidth
SF0240BA03144S APITECH-SF0240BA03144S Datasheet
159Kb / 3P
240 MHz SAW Filter 5.7 MHz Bandwidth
More results


Similar Description - SF0246BA02631S

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1133A RFM-SF1133A Datasheet
65Kb / 3P
246 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
SF0640BA03206S SPECTRUM-SF0640BA03206S Datasheet
1Mb / 3P
640 MHz SAW Filter, 100 kHz Bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
SF0640BA03206S APITECH-SF0640BA03206S Datasheet
1Mb / 3P
640 MHz SAW Filter, 100 kHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1060BA03211S SPECTRUM-SF1060BA03211S Datasheet
1Mb / 3P
1060 MHz SAW Filter, 700 kHz Bandwidth
logo
API Technologies Corp
SF1060BA03211S APITECH-SF1060BA03211S Datasheet
1Mb / 3P
1060 MHz SAW Filter, 700 kHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1472A TAI-SAW-TA1472A Datasheet
475Kb / 7P
SAW Filter 246 MHz
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
190 MHz Bandpass Filter 200 kHz Bandwidth
logo
Transko Electronics, In...
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com