Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TB480F3 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB480F3
Description  SAW Filter 479.5MHz TO-39
File Size   204.51 Kbytes
Html View  1   2   3   4 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB480F3 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB480F3

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
TB48010S VITALCONN-TB48010S Datasheet
1Mb / 3P
GIGA DUAL PORT MAGNETIC MODULES SUPPORTS POE FUNCTION
2022/06/23 REV:A4
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E2 TAI-SAW-TB480E2 Datasheet
707Kb / 4P
SAW Filter 480MHz for Satellite Receiver
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
SAW Filter 480MHz TO-39
TB480G3 TAI-SAW-TB480G3 Datasheet
205Kb / 4P
SAW Filter 479.5MHz TO-39
More results


Similar Description - TB480F3

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
SAW Filter 480MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
SAW Resonator 433.92 MHz TO-39
TE0103A TAI-SAW-TE0103A Datasheet
236Kb / 5P
SAW Filter 479.5MHz TO-39
TE0107A TAI-SAW-TE0107A Datasheet
466Kb / 6P
SAW Filter 479.5MHz SMD5X5mm
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
SAW Resonator 315 MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
SAW Resonator 316 MHz TO-39
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
SAW Resonator 433.920 MHz TO-39
TB0153A TAI-SAW-TB0153A Datasheet
195Kb / 4P
SAW Filter 479.5MHz, BW=16MHz, TO-39
TB433E2 TAI-SAW-TB433E2 Datasheet
184Kb / 4P
SAW Filter 433.92 MHz TO-39
TB480G3 TAI-SAW-TB480G3 Datasheet
205Kb / 4P
SAW Filter 479.5MHz TO-39
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com