Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP2000AC54TEZ Datasheet (PDF) - Lineage Power Corporation

Part # CP2000AC54TEZ
Description  100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2000W, 5VDC @ 4W
File Size   572.78 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2000AC54TEZ Datasheet (PDF) - Lineage Power Corporation



Similar Part No. - CP2000AC54TEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
More results


Similar Description - CP2000AC54TEZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2725AC54TE LINEAGEPOWER-CP2725AC54TE Datasheet
572Kb / 20P
100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
logo
LinkCom Manufacturing C...
PLCCE0013501 LINKCOM-PLCCE0013501 Datasheet
258Kb / 2P
AC Input 100-277Vac
PLCCE0017112 LINKCOM-PLCCE0017112 Datasheet
258Kb / 2P
AC Input 100-277Vac
PLCCE0017122 LINKCOM-PLCCE0017122 Datasheet
270Kb / 2P
AC Input 100-277Vac
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
AC Input 100-277Vac
PLCCE0060132 LINKCOM-PLCCE0060132 Datasheet
697Kb / 2P
AC Input 100-277Vac
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com