| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FDB3860
|
303Kb / 6P |
N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 37 m廓
|
 ON Semiconductor |
NTD6414AN
|
142Kb / 7P |
N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0 |
|
NTTFS5820NL
|
116Kb / 6P |
Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0 |
|
NTMFS6H858N
|
187Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020-Rev. 2 |
|
NTMYS014N06CL
|
327Kb / 7P |
Power MOSFET 60 V, 15 m, 37 A, Single N?묬hannel
March, 2019-Rev. 0 |
|
NTTFS6H880N
|
209Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 32 m, 22 A
June, 2020 ??Rev. 1 |
|
NVLJWS011N04CL
|
170Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 11 m, 37 A
March, 2022 ??Rev. 0 |
|
NVMFS6H858N
|
189Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020 ??Rev. 2 |
|
NVMYS014N06CL
|
345Kb / 7P |
MOSFET – Power, Single N-Channel 60 V, 15 m, 37 A
July, 2019 - Rev. 0 |
|
NVBG089N65S3F
|
226Kb / 10P |
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 89 m, 37 A
May, 2022 - Rev. 0 |