| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL83239E
|
567Kb / 12P |
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
September 2001 |
|
ISL83385E
|
94Kb / 11P |
15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 2001 |
|
ISL83385E
|
275Kb / 11P |
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005 |
|
ISL83220E
|
194Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006 |
|
ISL83239E
|
343Kb / 11P |
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004 |
|
ICL3221EM
|
238Kb / 12P |
짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009 |
|
ICL3221E
|
699Kb / 33P |
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010 |
|
ICL3243ECVZ-T
|
699Kb / 33P |
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010 |
|
ICL3243EIA
|
699Kb / 33P |
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010 |
 Renesas Technology Corp |
ISL83220E
|
511Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
|