Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL040CIVSX Datasheet (PDF) - Texas Instruments

Part # ADC12DL040CIVSX
Description  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
File Size   1400.55 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVSX Datasheet (PDF) - Texas Instruments



Similar Part No. - ADC12DL040CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL040CIVSX/NO.A TI2-ADC12DL040CIVSX/NO.A Datasheet
962Kb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
REVISED APRIL 2013
ADC12DL040CIVSX/NOPB TI1-ADC12DL040CIVSX/NOPB Datasheet
1Mb / 37P
210mW A/D Converter
ADC12DL040CIVSX/NOPB TI2-ADC12DL040CIVSX/NOPB Datasheet
962Kb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
REVISED APRIL 2013
More results


Similar Description - ADC12DL040CIVSX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV.A
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
Analog Devices
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com