Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWG28-44-G-1-300-R Datasheet (PDF) - Assmann Electronics Inc.

Part # AWG28-44-G-1-300-R
Description  GREY RIBBON CABLE
File Size   582.39 Kbytes
Html View  1 
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWG28-44-G-1-300-R Datasheet (PDF) - Assmann Electronics Inc.



Similar Part No. - AWG28-44-G-1-300-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-44-F-1-300-R ASSMANN-AWG28-44-F-1-300-R Datasheet
75Kb / 1P
Multi-Color Ribbon Cable - 28AWG
More results


Similar Description - AWG28-44-G-1-300-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-20G300 ASSMANN-AWG28-20G300 Datasheet
48Kb / 1P
Flat Ribbon Cable - 20 Conductors, 1.27MM Pitch, 300 Feet-13 Reel, Grey
AWG28-05G-1300-R ASSMANN-AWG28-05G-1300-R Datasheet
54Kb / 1P
Grey Ribbon Cable, 28AWG, 1.0MM Pitch, 5 Conductors, 300 Feet, 13??Reel
AWG28-10-G-1-300 ASSMANN-AWG28-10-G-1-300 Datasheet
54Kb / 1P
Grey Ribbon Cable, 28AWG, 1.0MM Pitch, 10 Conductors, 300 Feet, 13 Reel
AWG28-14-G-1-300-R ASSMANN-AWG28-14-G-1-300-R Datasheet
1Mb / 1P
GREY RIBBON CABLE, 28AWG, 1.0MM PITCH
AWG28-16-G-1-300 ASSMANN-AWG28-16-G-1-300 Datasheet
237Kb / 1P
Grey Ribbon Cable, 28AWG
AWG28-20-G-1-300 ASSMANN-AWG28-20-G-1-300 Datasheet
566Kb / 1P
GREY RIBBON CABLE
AWG28-25-G-1-300-R ASSMANN-AWG28-25-G-1-300-R Datasheet
1Mb / 1P
GREY RIBBON CABLE
AWG28-26-G-1-300 ASSMANN-AWG28-26-G-1-300 Datasheet
575Kb / 1P
GREY RIBBON CABLE
AWG28-40-G-1-300 ASSMANN-AWG28-40-G-1-300 Datasheet
881Kb / 1P
GREY RIBBON CABLE
AWG28-50-G-1-300-R ASSMANN-AWG28-50-G-1-300-R Datasheet
562Kb / 1P
GREY RIBBON CABLE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com