Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSWWH2E3E1E_VER.A.2 Datasheet (PDF) - OptoSupply International

Part # OSWWH2E3E1E_VER.A.2
Description  xeon power pure white hv ac led 3w 50v
File Size   175.72 Kbytes
Html View  1   2 
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWWH2E3E1E_VER.A.2 Datasheet (PDF) - OptoSupply International



Similar Part No. - OSWWH2E3E1E_VER.A.2

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
Highest Luminous Flux
More results


Similar Description - OSWWH2E3E1E_VER.A.2

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XME3C1E OPTOSUPPLY-OSW4XME3C1E Datasheet
153Kb / 2P
Xeon 3 Power Pure White LED
OSMM72E3E1E OPTOSUPPLY-OSMM72E3E1E Datasheet
175Kb / 2P
Xeon Power Warm Whiite HV AC LED 3W 70V
OSW4HZE3E1E OPTOSUPPLY-OSW4HZE3E1E Datasheet
129Kb / 1P
Xeon Power Pure Whiite HV DC LED 1.5W 50V
OSW4XNE3E1E OPTOSUPPLY-OSW4XNE3E1E Datasheet
177Kb / 2P
Xeon 3 Power Pure White LED
OSW4XZE3C1E OPTOSUPPLY-OSW4XZE3C1E Datasheet
123Kb / 1P
Xeon 3 Power Pure White LED
OSWW72E3E1E OPTOSUPPLY-OSWW72E3E1E Datasheet
175Kb / 2P
Xeon Power Pure Whiite HV AC LED 3W 70V
OSWWH2E3E1E OPTOSUPPLY-OSWWH2E3E1E Datasheet
175Kb / 2P
Xeon Power Pure Whiite HV AC LED 3W 50V
OSMM72E3E1EVER.1 OPTOSUPPLY-OSMM72E3E1EVER.1 Datasheet
175Kb / 2P
xeon power warm white hv ac led 3w 70v
OSW4Z3E1E1S_VER.C.2 OPTOSUPPLY-OSW4Z3E1E1S_VER.C.2 Datasheet
115Kb / 1P
xeon 1 power pure white led
OSWW72E3E1EVER.1 OPTOSUPPLY-OSWW72E3E1EVER.1 Datasheet
175Kb / 2P
xeon power pure white hv ac led 3w 70v
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com