Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX6511GH Datasheet (PDF) - Renesas Technology Corp

Part # NX6511GH
Description  LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
File Size   190.31 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX6511GH Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - NX6511GH_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6511GH-AZ CEL-NX6511GH-AZ Datasheet
967Kb / 6P
LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results


Similar Description - NX6511GH_15

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
Renesas Technology Corp
NX5521 RENESAS-NX5521 Datasheet
192Kb / 8P
LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com