| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL83220E
|
267Kb / 11P |
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001 |
|
ISL4221E
|
415Kb / 13P |
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
April 13, 2007 |
|
ISL3232E
|
281Kb / 14P |
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010 |
|
ICL3243ECAZ-T
|
699Kb / 33P |
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010 |
|
ISL3232EIRZ
|
279Kb / 14P |
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010 |
|
ISL3241EIRZ
|
681Kb / 16P |
QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012 |
|
ISL83220ECV
|
198Kb / 10P |
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006 |
|
RS-232
|
750Kb / 33P |
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015 |
 Renesas Technology Corp |
ISL3232E
|
661Kb / 14P |
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
|
|
ISL4241E
|
684Kb / 14P |
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
|