| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
FRK460D
|
47Kb / 6P |
17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998 |
|
FRM244D
|
47Kb / 6P |
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998 |
|
IRF630
|
62Kb / 7P |
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
June 1999 |
|
RFL1N12
|
43Kb / 5P |
1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
January 1998 |
|
RFL1N12L
|
31Kb / 4P |
1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998 |
|
RFM4N35
|
38Kb / 4P |
4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
October 1998 |
|
RFP10N15
|
40Kb / 5P |
10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
March 1999 |
|
RFP15N15
|
36Kb / 5P |
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998 |
|
RFP2N12
|
35Kb / 5P |
2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
September 1998 |
|
RFP4N05
|
40Kb / 5P |
4A, 50V and 60V, 0.800 Ohm, N-Channel Power MOSFETs
June 1999 |