Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PG2162T5N Datasheet (PDF) - Renesas Technology Corp

Part # PG2162T5N
Description  DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
File Size   202.78 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PG2162T5N Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - PG2162T5N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2163T5N RENESAS-PG2163T5N_15 Datasheet
198Kb / 10P
GaAs Integrated Circuit Broadband SPDT Switch for Dual-Band Wireless LAN
logo
California Eastern Labs
PG2164T5N CEL-PG2164T5N Datasheet
205Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results


Similar Description - PG2162T5N

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N NEC-UPG2164T5N Datasheet
80Kb / 9P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com