Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPTB00025 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # NPTB00025
Description  25W RF Power Transistor
File Size   683.05 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00025 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - NPTB00025_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00025AB MA-COM-NPTB00025AB Datasheet
12Mb / 9P
Next generation high power RF semiconductor technology
NPTB00025B MA-COM-NPTB00025B Datasheet
12Mb / 9P
Next generation high power RF semiconductor technology
More results


Similar Description - NPTB00025_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
logo
Toshiba Semiconductor
S-AU27AL TOSHIBA-S-AU27AL Datasheet
138Kb / 3P
25W FM RF POWER AMPLIFIER MODULE
logo
M/A-COM Technology Solu...
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
25W Power Packaged Transistor
logo
M/A-COM Technology Solu...
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPTB00025 MA-COM-NPTB00025 Datasheet
683Kb / 6P
Gallium Nitride 28V, 25W RF Power Transistor
NPT1012 MA-COM-NPT1012_15 Datasheet
1,019Kb / 8P
25W RF Power Transistor
logo
List of Unclassifed Man...
NPT1012 ETC2-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com