Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BU90T82 Datasheet (PDF) - Rohm

Part # BU90T82
Description  Support clock frequency from 10MHz up to 174MHz
File Size   853.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90T82 Datasheet (PDF) - Rohm



Similar Part No. - BU90T82

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
1Mb / 29P
27bit LVDS Dual-out Transmitter
BU90T82-E2 ROHM-BU90T82-E2 Datasheet
1Mb / 29P
27bit LVDS Dual-out Transmitter
BU90T82 ROHM-BU90T82_16 Datasheet
1Mb / 29P
27bit LVDS Dual-out Transmitter
More results


Similar Description - BU90T82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
Clock frequency up to 400MHz
logo
Rohm
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
Support clock frequency from 8MHz up to 160MHz
logo
Integrated Silicon Solu...
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
Clock frequency up to 333MHz
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
Clock frequency up to 400MHz
logo
Abracon Corporation
ASG-D ABRACON-ASG-D Datasheet
2Mb / 5P
Frequency range from 10MHz to 250MHz with LVCMOS output
04.17.12
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
Wideband support up to 60 GHz
logo
Skyworks Solutions Inc.
SI5332X SKYWORKS-SI5332X Datasheet
2Mb / 50P
Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
SI5334X SKYWORKS-SI5334X Datasheet
2Mb / 38P
Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
SI5336X SKYWORKS-SI5336X Datasheet
1Mb / 35P
Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com