| Manufacturer | Part # | Datasheet | Description |
 Integrated Technology F... |
IDD08072
|
132Kb / 3P |
Usable bandwidth 5 MHz each Rx And Tx. band
Rev. AS01 2014-9-16 |
|
IDD08273
|
121Kb / 2P |
Usable bandwidth 5 MHz each Rx And Tx. band
Rev. AS01 2014-9-16 |
|
IDD08870
|
272Kb / 3P |
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16 |
|
IDD08871
|
147Kb / 3P |
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16 |
|
IDD09074
|
135Kb / 3P |
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16 |
|
IDD09175
|
134Kb / 3P |
Usable bandwidth 10 MHz each Rx And Tx. band
Rev. AS01 2014-9-16 |
|
IDD17619
|
124Kb / 2P |
Usable bandwidth 10 MHz each Rx. And Tx. band
Rev. AS01 2014-8-27 |
|
IDL00740
|
126Kb / 3P |
Usable bandwidth 5 MHz Rx. And Tx. band
Rev. AS01 2014-8-29 |
|
IDL00741
|
262Kb / 3P |
Usable bandwidth 5 MHz Rx. And Tx. band
Rev. AS01 2014-9-03 |
|
IDL03439
|
156Kb / 3P |
Usable bandwidth 9 MHz Rx. And Tx. band
Rev. AS01 2014-8-29 |