| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
ZUMT491TA
|
143Kb / 7P |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR IN SOT323
Rev 3 |
|
ZUMT491TA
|
134Kb / 7P |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR IN SOT323
Rev 3 |
|
MMST3904
|
235Kb / 5P |
60V NPN SMALL SIGNAL TRANSISTOR IN SOT323
Rev 12 |
|
BC846AW
|
202Kb / 6P |
NPN SMALL SIGNAL TRANSISTOR IN SOT323
Rev 13 |
|
BC856AW
|
209Kb / 5P |
PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 10 |
|
MMST5401
|
186Kb / 5P |
160V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 10 |
|
BC807-16W
|
227Kb / 5P |
45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 7 |
|
BC856BWQ
|
349Kb / 5P |
65V PNP SMALL SIGNAL TRANSISTOR IN SOT323
December 2020 Rev. 1 - 2 |
|
BC857BWQ
|
356Kb / 5P |
PNP SMALL SIGNAL TRANSISTOR IN SOT323
February 2021 Rev. 1 - 2 |
|
BC857CWQ
|
334Kb / 6P |
45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
March 2022 Rev. 1 - 2 |