Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL70-WDR24 Datasheet (PDF) - P-tec Corporation

Part # PL70-WDR24
Description  Flat Top 3mm Lens
File Size   72.18 Kbytes
Html View  1 
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL70-WDR24 Datasheet (PDF) - P-tec Corporation



Similar Part No. - PL70-WDR24

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL70-WDG13 P-TEC-PL70-WDG13 Datasheet
72Kb / 1P
Flat Top 3mm Lens
More results


Similar Description - PL70-WDR24

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB37D MICRO-ELECTRONICS-MGB37D Datasheet
87Kb / 2P
3mm FLAT TOP LED LAMPS
MOB37W MICRO-ELECTRONICS-MOB37W Datasheet
42Kb / 1P
3mm FLAT TOP ORANGE LED LAMP
logo
Visual Communications C...
SMS172 VCC-SMS172 Datasheet
96Kb / 1P
3MM FRESNEL LENS
logo
LUMEX INC.
SSL-LX40FT3ID LUMEX-SSL-LX40FT3ID Datasheet
51Kb / 1P
T-4mm FLAT TOP, 635nm RED LED, RED DIFFUSED LENS.
logo
P-tec Corporation
PL70-WDG13 P-TEC-PL70-WDG13 Datasheet
72Kb / 1P
Flat Top 3mm Lens
PL03-CDG13 P-TEC-PL03-CDG13_14 Datasheet
75Kb / 1P
Popular 3mm Lens Style
PL03-CDR12 P-TEC-PL03-CDR12_14 Datasheet
75Kb / 1P
Popular 3mm Lens Style
PL03-CDR21 P-TEC-PL03-CDR21_14 Datasheet
76Kb / 1P
Popular 3mm Lens Style
logo
LUMEX INC.
SSL-LX304F4YT LUMEX-SSL-LX304F4YT Datasheet
52Kb / 1P
T-3mm DIMPLE LENS
SSL-LX304F4YTD LUMEX-SSL-LX304F4YTD Datasheet
52Kb / 1P
T-3mm DIMPLE LENS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com