Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

130147-0059 Datasheet (PDF) - Molex Electronics Ltd.

Part # 130147-0059
Description  Watertite Connector with Locking Blade, 3 Pole/4 Wire
File Size   38.69 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130147-0059 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 130147-0059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0050 MOLEX11-130147-0050 Datasheet
56Kb / 1P
Watertite Connector for Male Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L6-20 250V, F3
130147-0051 MOLEX11-130147-0051 Datasheet
38Kb / 1P
Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V, Cord Grip Body Size F3
130147-0052 MOLEX11-130147-0052 Datasheet
56Kb / 1P
Watertite Connector for Male Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L7-20 277V, F3
130147-0053 MOLEX11-130147-0053 Datasheet
42Kb / 1P
Watertite® Connector with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V, Cord Grip Body Size F3
04/20/2015
130147-0054 MOLEX11-130147-0054 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Connector With Locking Blade
More results


Similar Description - 130147-0059

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0102 MOLEX11-130147-0102 Datasheet
56Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire
130147-0056 MOLEX11-130147-0056 Datasheet
38Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire
130155-0104 MOLEX11-130155-0104 Datasheet
43Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire
130147-0077 MOLEX11-130147-0077 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0078 MOLEX11-130147-0078 Datasheet
53Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0081 MOLEX11-130147-0081 Datasheet
40Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
1301470059 MOLEX11-1301470059 Datasheet
31Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire,
1301470102 MOLEX11-1301470102 Datasheet
48Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire
1301470105 MOLEX11-1301470105 Datasheet
31Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire
1301550104 MOLEX11-1301550104 Datasheet
36Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/4 Wire
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com