| Manufacturer | Part # | Datasheet | Description |
 Zetex Semiconductors |
ZXT10P40DE6
|
228Kb / 6P |
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
|
|
ZXT13P40DE6
|
413Kb / 6P |
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
|
 Diodes Incorporated |
ZXTP720MATA
|
221Kb / 7P |
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5 |
|
ZXT14P40DX
|
264Kb / 6P |
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000 |
|
ZXT3M322
|
389Kb / 6P |
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002 |
|
ZXT10P12DE6
|
438Kb / 7P |
12V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 2 |
|
ZXT10P20DE6
|
434Kb / 7P |
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 4 |
|
ZXT13P20DE6
|
196Kb / 7P |
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 3 |
|
ZXTD720MC
|
194Kb / 7P |
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3 |
|
ZXTP720MA
|
221Kb / 7P |
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5 |