Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

130145-0010 Datasheet (PDF) - Molex Electronics Ltd.

Part # 130145-0010
Description  Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
File Size   44.19 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130145-0010 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 130145-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130145-0011 MOLEX11-130145-0011 Datasheet
44Kb / 1P
Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
130145-0012 MOLEX11-130145-0012 Datasheet
41Kb / 1P
Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V, Yellow
130145-0013 MOLEX11-130145-0013 Datasheet
45Kb / 1P
Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
130145-0014 MOLEX11-130145-0014 Datasheet
52Kb / 1P
Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V Yellow
130145-0015 MOLEX11-130145-0015 Datasheet
53Kb / 1P
Safeway Plug with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
More results


Similar Description - 130145-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0023 MOLEX11-130144-0023 Datasheet
42Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V
130144-0024 MOLEX11-130144-0024 Datasheet
40Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
130144-0056 MOLEX11-130144-0056 Datasheet
31Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Yellow
130145-0008 MOLEX11-130145-0008 Datasheet
44Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V
130144-0026 MOLEX11-130144-0026 Datasheet
40Kb / 1P
Safeway Connector 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
1301440023 MOLEX11-1301440023 Datasheet
35Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V
1301440024 MOLEX11-1301440024 Datasheet
32Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
1301450008 MOLEX11-1301450008 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V
1301450010 MOLEX11-1301450010 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
1301450031 MOLEX11-1301450031 Datasheet
29Kb / 1P
Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com