Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

130147-0071 Datasheet (PDF) - Molex Electronics Ltd.

Part # 130147-0071
Description  Watertite Plug with Locking Blade, 4 Pole/4 Wire
File Size   40.97 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130147-0071 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 130147-0071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0072 MOLEX11-130147-0072 Datasheet
50Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V, Cord Grip
130147-0073 MOLEX11-130147-0073 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Plug with Locking Blade, 2 Pole/3 Wire
130147-0074 MOLEX11-130147-0074 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V, Cord Grip Body Size F4
130147-0075 MOLEX11-130147-0075 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Plug, 2 Pole/3 Wire
130147-0076 MOLEX11-130147-0076 Datasheet
40Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire
More results


Similar Description - 130147-0071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0015 MOLEX11-130147-0015 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/4 Wire
130147-0025 MOLEX11-130147-0025 Datasheet
61Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0029 MOLEX11-130147-0029 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire,
130147-0031 MOLEX11-130147-0031 Datasheet
62Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire
130147-0077 MOLEX11-130147-0077 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0078 MOLEX11-130147-0078 Datasheet
53Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0079 MOLEX11-130147-0079 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0081 MOLEX11-130147-0081 Datasheet
40Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0083 MOLEX11-130147-0083 Datasheet
61Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/4 Wire,
130147-0085 MOLEX11-130147-0085 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com