Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBSS4350X Datasheet (PDF) - NXP Semiconductors

Part # PBSS4350X
Description  NPN low VCEsat (BISS) transistor 50 V, 3 A
File Size   133.9 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4350X Datasheet (PDF) - NXP Semiconductors



Similar Part No. - PBSS4350X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350X PHILIPS-PBSS4350X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Foshan Blue Rocket Elec...
PBSS4350X FOSHAN-PBSS4350X Datasheet
913Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
logo
Nexperia B.V. All right...
PBSS4350X NEXPERIA-PBSS4350X Datasheet
277Kb / 12P
50 V, 3 A NPN low VCEsat transistor
16 May 2022
More results


Similar Description - PBSS4350X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
PBSS4250X PHILIPS-PBSS4250X Datasheet
77Kb / 9P
50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
PBSS4350T PHILIPS-PBSS4350T Datasheet
84Kb / 10P
50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350T NXP-PBSS4350T Datasheet
368Kb / 10P
50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS4250X PHILIPS-PBSS4250X_15 Datasheet
153Kb / 9P
NPN low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 08
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5350TH NEXPERIA-PBSS5350TH Datasheet
252Kb / 14P
50 V, 3 A PNP low VCEsat (BISS) transistor
PBSS4250X NEXPERIA-PBSS4250X Datasheet
83Kb / 9P
50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com