| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PDTA143Z
|
92Kb / 14P |
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05 |
|
PEMH14
|
49Kb / 8P |
NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
Rev. 02-29 April 2005 |
|
PDTA144T
|
91Kb / 14P |
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05 |
|
PDTA124X
|
90Kb / 12P |
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009 |
|
PEMB14
|
71Kb / 10P |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-31 August 2009 |
|
PEMD14
|
77Kb / 11P |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-2 September 2009 |
|
PUMD16
|
69Kb / 10P |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005 |
|
PEMD17_PUMD17
|
76Kb / 12P |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005 |
 Nexperia B.V. All right... |
PEMB14
|
186Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009 |
|
PDTA124X_SER
|
205Kb / 13P |
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009 |