| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PEMD30
|
84Kb / 11P |
NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-31 March 2006 |
|
PEMH30
|
79Kb / 10P |
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006 |
|
PDTC123TM
|
85Kb / 10P |
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006 |
|
PDTC115T
|
78Kb / 10P |
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005 |
|
PEMB30_PUMB30
|
76Kb / 10P |
PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009 |
|
PEMD20_PUMD20
|
65Kb / 10P |
NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005 |
 Nexperia B.V. All right... |
PDTC114T_SER
|
586Kb / 11P |
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006 |
|
PDTC123T_SER
|
585Kb / 10P |
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006 |
|
PEMD20
|
64Kb / 10P |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005 |
|
PEMD30
|
83Kb / 11P |
NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006 |