Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0638170100 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0638170100
Description  Manual Ribbon Cable Cutter Hand Tool
File Size   28.38 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638170100 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0638170100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638170000 MOLEX11-0638170000 Datasheet
40Kb / 1P
Manual Wire Stripper
0638170000 MOLEX-0638170000 Datasheet
40Kb / 1P
Hand Wire Stripping Tool for 8-34 AWG Wire with 1.00mm Max Insulation Thickness
08/26/2022
0638170070 MOLEX11-0638170070 Datasheet
40Kb / 1P
Straight Blade Stripping Cassette for PVC Insulation 8 to 34 AWG
0638170070 MOLEX-0638170070 Datasheet
40Kb / 1P
Straight Blade Stripping Cassette for PVC Insulation 8-34 AWG
08/26/2022
0638170071 MOLEX11-0638170071 Datasheet
39Kb / 1P
V Blade Stripping Cassette for PTFE Insulation 12 to 28 AWG
More results


Similar Description - 0638170100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19284-0034 MOLEX-19284-0034 Datasheet
130Kb / 1P
Manual Crimp Hand Tool
19286-0107 MOLEX-19286-0107 Datasheet
106Kb / 1P
Manual Crimp Hand Tool Dieless
logo
FCI connector
HT-0102 FCI-CONNECTOR-HT-0102 Datasheet
225Kb / 10P
HT-0102 Hand Tool Manual
logo
Molex Electronics Ltd.
0638170200 MOLEX11-0638170200 Datasheet
36Kb / 1P
Manual Cable Cutter Hand Tool ??8awg to 4.80mm (1000 MCM)
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
IDT Ribbon Cable Hand Tool Module
08-13-08
63600-0478 MOLEX-63600-0478_V01 Datasheet
828Kb / 4P
IDT Manual Hand Tool
07-27-15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
0621002200 MOLEX-0621002200 Datasheet
75Kb / 14P
Manual Press with IDT Ribbon Cable Tool Kit
11/02/2021
ATS-636000478 MOLEX-ATS-636000478 Datasheet
828Kb / 4P
IDT Manual Hand Tool
07-27-15
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com