| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN1R2-25YL
|
220Kb / 13P |
N-channel 25 V 1.2 m廓 logic level MOSFET in LFPAK
Rev. 01-25 June 2009 |
|
PSMN2R2-25YLC
|
350Kb / 15P |
N-channel 25 V 2.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011 |
|
PSMN6R5-25YLC
|
296Kb / 15P |
N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011 |
|
PSMN4R0-25YLC
|
425Kb / 15P |
N-channel 25 V 4.5 m廓 logic level MOSFET in LFPAK
Rev. 01-2 December 2010 |
|
PSMN1R1-25YLC
|
393Kb / 15P |
N-channel 25 V 1.15 m廓 logic level MOSFET in LFPAK using
Rev. 1-2 May 2011 |
|
PSMN1R2-25YLC
|
350Kb / 15P |
N-channel 25 V 1.3 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011 |
 Nexperia B.V. All right... |
PH2625L
|
576Kb / 16P |
N-channel 25 V 2.8 mΩ logic level MOSFET in LFPAK
Rev. 3 - 21 December 2011 |
|
PH6325L
|
433Kb / 15P |
N-channel 25 V 6.3 mΩ logic level MOSFET in LFPAK
Rev. 2 - 22 December 2011 |
|
PSMN1R2-25YL
|
724Kb / 13P |
N-channel 25 V 1.2 mΩ logic level MOSFET in LFPAK
Rev. 01 - 25 June 2009 |
|
PSMN4R0-25YLC
|
1,007Kb / 15P |
N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK
Rev. 01 - 2 December 2010 |