| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN6R5-25YLC
|
296Kb / 15P |
N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011 |
|
PSMN7R0-30YLC
|
308Kb / 15P |
N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011 |
|
PSMN9R5-30YLC
|
299Kb / 15P |
N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK using
Rev. 2-1 September 2011 |
|
PSMN1R0-30YLC
|
307Kb / 15P |
N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011 |
|
PSMN011-30YLC
|
307Kb / 15P |
N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011 |
|
PSMN4R5-30YLC
|
350Kb / 15P |
N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011 |
|
PSMN013-30YLC
|
300Kb / 15P |
N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011 |
 Nexperia B.V. All right... |
PSMN013-30YLC
|
908Kb / 15P |
N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
|
|
PSMN6R0-30YLB
|
915Kb / 15P |
N-channel 30 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 24 October 2011 |
|
PSMN6R5-25YLC
|
903Kb / 15P |
N-channel 25 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011 |