| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN016-100PS
|
245Kb / 15P |
N-channel 100V 16 m廓 standard level MOSFET in TO220
Rev. 01-1 March 2010 |
|
PSMN027-100PS
|
248Kb / 14P |
N-channel 100V 26.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010 |
|
PSMN013-100BS
|
229Kb / 15P |
N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011 |
|
PSMN7R0-100BS
|
229Kb / 14P |
N-channel 100V 6.8 m廓 standard level MOSFET in D2PAK.
Rev. 2-2 March 2012 |
|
PSMN016-100XS
|
210Kb / 14P |
N-channel 100V 16 m廓 standard level MOSFET in TO220F (SOT186A)
Rev. 4-6 March 2012 |
|
PSMN027-100BS
|
210Kb / 14P |
N-channel 100V 26.8 m standard level MOSFET in D2PAK
Rev. 2-1 March 2012 |
|
PSMN013-100BS
|
271Kb / 13P |
N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
21 February 2014 |
|
PSMN027-100BS
|
210Kb / 14P |
N-channel 100V 26.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012 |
 Nexperia B.V. All right... |
PSMN016-100BS
|
805Kb / 14P |
N-channel 100V 16 m廓 standard level MOSFET in D2PAK
|
|
PSMN013-100BS
|
736Kb / 13P |
N-channel 100V 13.9mΩ standard level MOSFET in D2PAK
21 February 2014 |