| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
TEA1751LT_1301
|
277Kb / 31P |
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013 |
|
TEA1721BT
|
202Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012 |
|
TEA1753T
|
346Kb / 32P |
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012 |
|
TEA1723FT
|
252Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012 |
|
TEA1723BT
|
252Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012 |
|
TEA1723AT
|
252Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012 |
|
TEA1721FT
|
201Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012 |
|
TEA1721DT
|
202Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012 |
|
TEA1755T
|
331Kb / 35P |
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015 |
|
TEA1721AT
|
202Kb / 14P |
HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012 |