Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP-A1500 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # SP-A1500
Description  Thermal impedance: 0.42째C-in2/W
File Size   395.79 Kbytes
Html View  1   2 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-A1500 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - SP-A1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
logo
Adlink Technology Inc.
SP-AL ADLINK-SP-AL Datasheet
408Kb / 2P
Intel Atom짰 Processor-based Fanless Panel Computer
More results


Similar Description - SP-A1500

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
L21 BOURNS-L21 Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse
logo
Rhombus Industries Inc.
T-980 RHOMBUS-IND-T-980 Datasheet
29Kb / 1P
Primary Impedance 600(W),Primary DC Resistance 49(W) nom.
12/17/97
logo
Bruckewell Technology L...
MS34P07 BWTECH-MS34P07 Datasheet
570Kb / 5P
Low thermal impedance
logo
List of Unclassifed Man...
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
GP-HC3.0 ETC2-GP-HC3.0 Datasheet
441Kb / 2P
Thermal Conductivity: 3.0 W/m-K
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
SP-1200 ETC2-SP-1200 Datasheet
571Kb / 2P
Thermal Impedance: 0.53oC-in2/W
logo
ACE Technology Co., LTD...
ACE7436M ACE-ACE7436M Datasheet
392Kb / 7P
N-Channel 30-V MOSFET, Low thermal impedance
VER 1.1
logo
TT Electronics.
LRF3W TTELEC-LRF3W Datasheet
556Kb / 3P
Low thermal impedance
logo
Vishay Siliconix
VS-ST333SP VISHAY-VS-ST333SP Datasheet
345Kb / 10P
Low thermal impedance
01-Mar-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com