| Manufacturer | Part # | Datasheet | Description |
 Taiwan Semiconductor Co... |
TS650
|
55Kb / 4P |
Buck Switching Regulator
|
 ON Semiconductor |
NCV890100
|
177Kb / 16P |
1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2 |
|
NCV890101
|
182Kb / 15P |
1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 1 |
|
NCV890130
|
179Kb / 15P |
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2 |
|
NCV890100PDR2G
|
177Kb / 16P |
1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2 |
|
NCV890203
|
162Kb / 18P |
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0 |
|
NCV890230
|
144Kb / 18P |
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2 |
|
NCV890200
|
143Kb / 18P |
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2 |
|
NCV890201
|
156Kb / 19P |
2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3 |
|
NCV890100
|
250Kb / 19P |
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4 |