Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1301410016 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301410016
Description  Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Black
File Size   40.83 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301410016 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301410016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410010 MOLEX11-1301410010 Datasheet
42Kb / 1P
Super-Safeway Plug, 2 Pole/2 Wire, NEMA 5-20, 125V
1301410012 MOLEX11-1301410012 Datasheet
34Kb / 1P
Super-Safeway Monitoring Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body
1301410014 MOLEX11-1301410014 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 277V
1301410017 MOLEX11-1301410017 Datasheet
38Kb / 1P
Super-Safeway Hospital Duty Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
More results


Similar Description - 1301410016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0016 MOLEX11-130141-0016 Datasheet
48Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Black
130141-0017 MOLEX11-130141-0017 Datasheet
38Kb / 1P
Super-Safeway Hospital Duty Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
130144-0043 MOLEX11-130144-0043 Datasheet
43Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
130144-0088 MOLEX11-130144-0088 Datasheet
47Kb / 1P
Safeway Plug 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
1301440036 MOLEX11-1301440036 Datasheet
37Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
1301440043 MOLEX11-1301440043 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
1301440088 MOLEX11-1301440088 Datasheet
40Kb / 1P
Safeway Plug 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
130141-0011 MOLEX11-130141-0011 Datasheet
48Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Black
1301410017 MOLEX11-1301410017 Datasheet
38Kb / 1P
Super-Safeway Hospital Duty Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
1301410031 MOLEX11-1301410031 Datasheet
43Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com