Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1301410030 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301410030
Description  Super-Safeway Connector, 2 Pole/3 Wire, NEMA 7-15, 277V
File Size   52.67 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301410030 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301410030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410031 MOLEX11-1301410031 Datasheet
43Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
1301410032 MOLEX11-1301410032 Datasheet
43Kb / 1P
Super-Safeway Extra-Hard Outdoor Use Connector 2 Pole/3 Wire, NEMA 5-15, 125V
1301410036 MOLEX11-1301410036 Datasheet
35Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410038 MOLEX11-1301410038 Datasheet
52Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-15, 250V
More results


Similar Description - 1301410030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0071 MOLEX11-130144-0071 Datasheet
42Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 7-15, 277V
130141-0030 MOLEX11-130141-0030 Datasheet
60Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 7-15, 277V
130141-0014 MOLEX11-130141-0014 Datasheet
61Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 7-15, 277V
130141-0045 MOLEX11-130141-0045 Datasheet
43Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
130144-0069 MOLEX11-130144-0069 Datasheet
43Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 7-15, 277V
1301440069 MOLEX11-1301440069 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 7-15, 277V
1301440071 MOLEX11-1301440071 Datasheet
34Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 7-15, 277V
1301410014 MOLEX11-1301410014 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 277V
1301410045 MOLEX11-1301410045 Datasheet
36Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
1301410054 MOLEX11-1301410054 Datasheet
35Kb / 1P
Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com