| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FPF1203
|
483Kb / 3P |
IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
|
|
FPF1203L
|
390Kb / 3P |
IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
|
 ON Semiconductor |
NCP434FCT2G
|
700Kb / 10P |
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4 |
|
NCP339
|
250Kb / 10P |
3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2 |
|
NCP436
|
100Kb / 7P |
3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1 |
|
NCP338
|
181Kb / 8P |
2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2 |
|
NCP334
|
224Kb / 10P |
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2 |
|
NCP338
|
145Kb / 8P |
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3 |
|
NCP435
|
649Kb / 10P |
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5 |
|
FPF1203
|
1Mb / 12P |
Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2 |