Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1301410065 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301410065
Description  Super-Safeway Connector with Locking Blade, 2 Pole/2 Wire, NEMA L2-20, 250V
File Size   51.66 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301410065 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301410065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410060 MOLEX11-1301410060 Datasheet
34Kb / 1P
Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301410061 MOLEX11-1301410061 Datasheet
53Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/2 Wire, NEMA L2-20, 250V
1301410062 MOLEX11-1301410062 Datasheet
34Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
1301410063 MOLEX11-1301410063 Datasheet
47Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
1301410064 MOLEX11-1301410064 Datasheet
47Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
More results


Similar Description - 1301410065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0022 MOLEX11-130144-0022 Datasheet
45Kb / 1P
Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
130145-0032 MOLEX11-130145-0032 Datasheet
43Kb / 1P
Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
130141-0061 MOLEX11-130141-0061 Datasheet
60Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/2 Wire, NEMA L2-20, 250V
130141-0063 MOLEX11-130141-0063 Datasheet
54Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
130144-0021 MOLEX11-130144-0021 Datasheet
54Kb / 1P
Safeway Plug, 2 Pole/2 Wire, NEMA L2-20, 250V
1301440021 MOLEX11-1301440021 Datasheet
47Kb / 1P
Safeway Plug, 2 Pole/2 Wire, NEMA L2-20, 250V
1301440022 MOLEX11-1301440022 Datasheet
38Kb / 1P
Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
1301410061 MOLEX11-1301410061 Datasheet
53Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/2 Wire, NEMA L2-20, 250V
1301410063 MOLEX11-1301410063 Datasheet
47Kb / 1P
Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
1301410066 MOLEX11-1301410066 Datasheet
40Kb / 1P
Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com