Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1301470019 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301470019
Description  Watertite Plug, 2 Pole/3 Wire, NEMA L5-20 125V, Black
File Size   34.62 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301470019 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301470019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301470014 MOLEX11-1301470014 Datasheet
33Kb / 1P
Watertite Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V Grounding Tab
1301470015 MOLEX11-1301470015 Datasheet
33Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 208V
1301470016 MOLEX11-1301470016 Datasheet
35Kb / 1P
Watertite Plug Extra Hard Outdoor with Locking Blade, 4 Pole/4 Wire
1301470017 MOLEX11-1301470017 Datasheet
36Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire, Non-NEMA, 600V Grounding Tab
1301470018 MOLEX11-1301470018 Datasheet
34Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V,
More results


Similar Description - 1301470019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130145-0008 MOLEX11-130145-0008 Datasheet
44Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V
130145-0010 MOLEX11-130145-0010 Datasheet
44Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
130147-0019 MOLEX11-130147-0019 Datasheet
42Kb / 1P
Watertite Plug, 2 Pole/3 Wire, NEMA L5-20 125V, Black
130155-0110 MOLEX11-130155-0110 Datasheet
32Kb / 1P
Watertite Duplex GFCI Receptacle, 2 Pole/3 Wire, NEMA L5-20, 125V
1301450008 MOLEX11-1301450008 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V
1301450010 MOLEX11-1301450010 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-20, 125V, Yellow
1301550110 MOLEX11-1301550110 Datasheet
32Kb / 1P
Watertite Duplex GFCI Receptacle, 2 Pole/3 Wire, NEMA L5-20, 125V
1301460082 MOLEX11-1301460082 Datasheet
33Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301460083 MOLEX11-1301460083 Datasheet
35Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301470018 MOLEX11-1301470018 Datasheet
34Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V,
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com