Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAGX-011086 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAGX-011086
Description  GaN Wideband Transistor 28 V, 4 W
File Size   1326.36 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-011086 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAGX-011086_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
GaN Wideband Transistor 28 V
More results


Similar Description - MAGX-011086_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
GaN Wideband Transistor 28 V
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
GaN Wideband Transistor 48 V, 100 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
logo
Qorvo, Inc
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
DC ??25 GHz, 28 V, 14 W GaN RF Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com