Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KK-2.5V Datasheet (PDF) - Pericom Semiconductor Corporation

Part # KK-2.5V
Description  2.5V CMOS 32.768kHz
File Size   593.64 Kbytes
Html View  1   2 
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KK-2.5V Datasheet (PDF) - Pericom Semiconductor Corporation



Similar Part No. - KK-2.5V

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-0283-20M JMK-KK-0283-20M Datasheet
224Kb / 1P
The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
KK-0283-30M JMK-KK-0283-30M Datasheet
224Kb / 1P
The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
KK-0332-30 JMK-KK-0332-30 Datasheet
64Kb / 1P
Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
KK-0851-1525 JMK-KK-0851-1525 Datasheet
128Kb / 1P
KK-0851-1525
More results


Similar Description - KK-2.5V

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
logo
Pericom Semiconductor C...
KD-2.5V PERICOM-KD-2.5V Datasheet
609Kb / 2P
2.5V CMOS 32.768kHz
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
2.5V CMOS 32.768kHz
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
1.8V CMOS 32.768kHz
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
2.5V CMOS 32.768kHz
KN-2.5V PERICOM-KN-2.5V Datasheet
621Kb / 2P
2.5V CMOS 32.768kHz
KX201 PERICOM-KX201 Datasheet
662Kb / 2P
CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX321 PERICOM-KX321 Datasheet
646Kb / 2P
CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
CMOS 32.768kHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com