Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX84C2V0 Datasheet (PDF) - Suntan Capacitors

Part # BZX84C2V0
Description  Zener breakdown voltage range - 2.0 V to 75 V
File Size   136.43 Kbytes
Html View  1   2   3 
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

BZX84C2V0 Datasheet (PDF) - Suntan Capacitors



Similar Part No. - BZX84C2V0

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C2V0 HTSEMI-BZX84C2V0 Datasheet
712Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V0 KINGTRONICS-BZX84C2V0 Datasheet
403Kb / 3P
BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
KEC(Korea Electronics)
BZX84C2V0 KEC-BZX84C2V0 Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Jinan Jing Heng Electro...
BZX84C2V0 JINGHENG-BZX84C2V0 Datasheet
92Kb / 3P
0.35 SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX84C2V0 ZSELEC-BZX84C2V0 Datasheet
132Kb / 3P
350mW Silicon Planar Zener Diodes
More results


Similar Description - BZX84C2V0

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
SeCoS Halbleitertechnol...
RL201 SECOS-RL201 Datasheet
505Kb / 2P
Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
logo
Shenzhen Luguang Electr...
DZ23C2V7-C51 LUGUANG-DZ23C2V7-C51 Datasheet
98Kb / 2P
Zener Voltage Range 2.7 V to 51 V. Dual Silicon Zener Diodes, Common Cathode
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
Micro Commercial Compon...
BZM55C2V0 MCC-BZM55C2V0 Datasheet
177Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
logo
Shanghai Leiditech Elec...
MM5Z2V0 LEIDITECH-MM5Z2V0 Datasheet
518Kb / 4P
Standard Zener Breakdown Voltage Range 2.0 V to 75 V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com