Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMPS Datasheet (PDF) - Samtec, Inc

Part # FMPS
Description  ?쏦INGING??30 A POWER HEADER & SOCKET
File Size   305.86 Kbytes
Html View  1 
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FMPS Datasheet (PDF) - Samtec, Inc



Similar Part No. - FMPS

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FMPS1 CARLOGAVAZZI-FMPS1 Datasheet
52Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing FMP Series
More results


Similar Description - FMPS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
NVF5P03T3G ONSEMI-NVF5P03T3G Datasheet
150Kb / 7P
Power MOSFET 5.2 A, 30 V
October, 2011 ??Rev. 5
logo
Tyco Electronics
207610-7 MACOM-207610-7 Datasheet
47Kb / 1P
SOCKET HEADER ASSEMBLY
643416-1 MACOM-643416-1 Datasheet
65Kb / 1P
SOCKET HEADER ASSEMBLY
logo
Wurth Elektronik GmbH &...
6130XX11821 WURTH-6130XX11821 Datasheet
216Kb / 1P
2.54MM SOCKET HEADER
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
30 A VRPower Integrated Power Stage
30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
30 A VRPower Integrated Power Stage
23-Nov-15
SIC545 VISHAY-SIC545 Datasheet
196Kb / 6P
30 A VRPower® Integrated Power Stage
14-Jun-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com